PART |
Description |
Maker |
CR2-XXX CR2-005 CR2-010 CR2-020 CR2-040 CR2-060 CR |
Leaded Rectifier General Purpose 2 AMP RECTIFIER 50-1500 VOLTS AXIAL LEAD EPOXY CASE CR2 SERIES 2 A, 200 V, SILICON, RECTIFIER DIODE, DO-15 2 AMP RECTIFIER 50-1500 VOLTS AXIAL LEAD EPOXY CASE CR2 SERIES 2 A, 1200 V, SILICON, RECTIFIER DIODE, DO-15 2 AMP RECTIFIER 50-1500 VOLTS AXIAL LEAD EPOXY CASE CR2 SERIES 2安培整流0-1500伏轴向环氧案例枚CR2系列 2 AMP RECTIFIER 50-1500 VOLTS AXIAL LEAD EPOXY CASE CR2 SERIES 2 A, 1000 V, SILICON, RECTIFIER DIODE, DO-15 2 AMP RECTIFIER 50-1500 VOLTS AXIAL LEAD EPOXY CASE CR2 SERIES 2 A, 100 V, SILICON, RECTIFIER DIODE, DO-15 2 AMP RECTIFIER 50-1500 VOLTS AXIAL LEAD EPOXY CASE CR2 SERIES 2 A, 400 V, SILICON, RECTIFIER DIODE, DO-15 2 AMP RECTIFIER 50-1500 VOLTS AXIAL LEAD EPOXY CASE CR2 SERIES 2 A, SILICON, RECTIFIER DIODE
|
CENTRAL[Central Semiconductor Corp] Central Semiconductor Corp. Central Semiconductor, Corp. Bourns, Inc.
|
CMR3U-01M10 CMR3U-04M CMR3U-02M CMR3U-10M CMR3U-06 |
SURFACE MOUNT ULTRA FAST RECOVERY SILICON RECTIFIER 3 AMP SURFACE MOUNT ULTRA FAST RECOVERY SILICON RECTIFIER 3.0 AMP, 100 THRU 1000 VOLTS 3 A, 600 V, SILICON, RECTIFIER DIODE
|
Central Semiconductor Corp Central Semiconductor, Corp.
|
S2M |
1.5A General Purpose Rectifier; Package: DO-214AA(SMB); No of Pins: 2; Container: Tape & Reel 2 A, 1000 V, SILICON, RECTIFIER DIODE, DO-214AA
|
Fairchild Semiconductor, Corp.
|
CZSH5-40 |
SURFACE MOUNT SILICON SCHOTTKY BARRIER RECTIFIER 5.0 AMP, 40 VOLTS 5 A, 40 V, SILICON, RECTIFIER DIODE
|
Central Semiconductor, Corp.
|
NTE5906 NTE6005 NTE5980 NTE5907 NTE5995 NTE5986 NT |
Silicon power rectifier diode. Cathode to case. Max repetitive peak reverse voltage 400V. Average forward current 40A. Silicon power rectifier diode. Cathode to case. Max repetitive peak reverse voltage 1600V. Average forward current 40A. Silicon power rectifier diode. Anode to case. Max repetitive peak reverse voltage 1000V. Average forward current 40A. Silicon power rectifier diode. Cathode to case. Max repetitive peak reverse voltage 1000V. Average forward current 40A. Receptacle With A Wire Wrap Tail Silicon Power Rectifier Diode / 40 Amp Silicon Power Rectifier Diode 40 Amp NTE5906, NTE5907, NTE5980 thru NTE6005 Silicon Power Rectifier Diode, 40 Amp 40 A, 300 V, SILICON, RECTIFIER DIODE 40 A, 200 V, SILICON, RECTIFIER DIODE
|
NTE Electronics, Inc. NTE[NTE Electronics]
|
1N1301 1N2283 1N4526 1N1196A 1N1196 1N2021 1N1192A |
Standard Rectifier (trr more than 500ns) (1N2xxx) SILICON POWER RECTIFIER SILICON POWER RECTIFIER 40 A, 200 V, SILICON, RECTIFIER DIODE, DO-203AB (1N4525 - 1N4529) SILICON POWER RECTIFIER SILICON POWER RECTIFIER 40 A, 100 V, SILICON, RECTIFIER DIODE, DO-203AB SILICON POWER RECTIFIER 40 A, 50 V, SILICON, RECTIFIER DIODE, DO-203AB SILICON POWER RECTIFIER 40 A, 350 V, SILICON, RECTIFIER DIODE, DO-203AB SILICON POWER RECTIFIER 40 A, 300 V, SILICON, RECTIFIER DIODE, DO-203AB SILICON POWER RECTIFIER 40 A, 400 V, SILICON, RECTIFIER DIODE, DO-203AB SILICON POWER RECTIFIER
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
JHV37H2O PHV616 |
High Voltage Rectifier; Package: SEE_FACTORY; IO (A): 85; Vrwm (V): 20000; IR (µA): 50; 85 A, SILICON, RECTIFIER DIODE High Voltage Rectifier; Package: SEE_FACTORY; IO (A): 15; IFSM (A): 400; Vrwm (V): 16000; IR (µA): 5000; 20 A, SILICON, RECTIFIER DIODE
|
Microsemi, Corp.
|
CR80-120 CR80-010 CR80-020 CR80-040 CR80-060 CR80- |
80 A, 600 V, SILICON, RECTIFIER DIODE, DO-5 80 AMP GENERAL PURPOSE SILICON RECTIFIER 100 THRU 1200 VOLTS Leaded Rectifier General Purpose
|
CENTRAL[Central Semiconductor Corp]
|
CBR1-D100S CBR1-D060S CBR1-D020S CBR1-D020S10 CBR1 |
SURFACE MOUNT 1 AMP SILICON BRIDGE RECTIFIER SURFACE MOUNT1 AMP SILICON BRIDGE RECTIFIER
|
Central Semiconductor Corp Central Semiconductor C...
|
MBR3030CT MBR3030CT08 MBR3050CT-BP MBR3040CT MBR30 |
30 Amp Schottky Barrier Rectifier 30 to 60 Volts 30 A, 50 V, SILICON, RECTIFIER DIODE, TO-220AB
|
Micro Commercial Components Micro Commercial Compon...
|
|